Part Number Hot Search : 
8201XA SB860 561KD10 SN741 30100 IN145408 87832 AWT62
Product Description
Full Text Search
 

To Download EMZK160ADA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low impedance, 5000-hours-life, 105 aichip tm - mzk series ? endurance : 5,000 hours at 105 ? low impedance ? rated voltage range : 6.3 to 35v ? nominal capacitance range : 10 to 150f ? suitable for high reliability products ? solvent resistant type (see precautions and guidelines) ? rohs compliant specifications (at 20 , 120hz) (at 20 , after 2 minutes) (at 20 , 120hz) (at 120hz) category temperature range rated voltage range capacitance tolerance leakage current dissipation factor (tan ) low temperature characteristics (max. impedance ratio) endurance shelf life items -25 to +105 6.3 to 35v dc 20%(m) i=0.01cv or 3a, whichever is greater where, i : max. leakage current (a), c : nominal capacitance (f), v : rated voltage (v) rated voltage (v dc ) tan (max.) rated voltage(v dc ) z(-10 )/z(+20 ) capacitance change d.f. (tan ) Q 300% of the initial specified value leakage current Q the initial specified value the following specifications shall be satisfied when the capacitors are restored to 20 after exposing them for 1,000 hours at 105 without voltage applied. before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of jis c 5101-4. capacitance change Q 30% of the initial value d.f. (tan ) Q 300% of the initial specified value leakage current Q the initial specified value characteristics 6.3v 0.32 6.3v 4 10v 0.28 10v 3 16v 0.26 16v 2 25v 0.16 25v 2 35v 0.14 35v 2 the following specifications shall be satisfied when the capacitors are restored to 20 after the rated voltage is applied for 5,000 hours at 105. Q 30% of the initial value dimensions [mm] d 0.5 l 0.3 0.3max. a 0.2 w c 0.2 b 0.2 p size code e61 f61 d 5 6.3 l 5.8 5.8 a 5.3 6.6 b 5.3 6.6 c 5.9 7.2 w 0.5 to 0.8 0.5 to 0.8 p 1.4 1.9 t er minal code : a mzk longer life mvy p76 part numbering system supplement code size code capacitance tolerance code capacitance code (ex. 47 f:470,100 f:101) taping code terminal code voltage code (ex. 6.3v:6r3,10v:100,35v:350) series code category e m z k a a a a d a a a a a a a g m 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 p leas e r e f e r to "product code guide (su r f a c e m ount type) " marking 9c 47 v zk ex) 35v47 f rated v oltage symbol rated voltage (v dc ) symbol 6.3 j 10 a 16 c 25 e 35 v 82 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001n surface mount aluminum electrolytic capacitors
low impedance, 5000-hours-life, 105 aichip tm - mzk series standard ratings wv (v dc ) cap ( f) siz e code impedance ( max/20 ,100khz) rated ripple current (marms/105 ,100khz) p ar t no. 6.3 emzk6r3ada101me61g emzk100ada151mf61g EMZK160ADA330me61g EMZK160ADA470me61g EMZK160ADA101mf61g emzk250ada680mf61g emzk350ada100me61g emzk350ada100mf61g emzk350ada220me61g emzk350ada220mf61g emzk350ada330mf61g emzk350ada470mf61g 100 150 33 47 100 68 10 10 22 22 33 47 95 140 95 95 140 140 95 140 95 140 140 140 e61 f61 e61 e61 f61 f61 e61 f61 e61 f61 f61 f61 2.2 1.1 2.2 2.2 1.1 1.1 2.2 1.1 2.2 1.1 1.1 1.1 10 16 25 35 frequency(hz) 120 1k 10k 100k 6.3 to 35v dc 0.40 0.75 0.90 1.00 rated ripple current multipliers ? frequency multipliers the endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5 rise. when long life performance is required in actual use, the rms ripple current has to be reduced. 83 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information c ontained in this catalog and product specifications. cat. no. e1001n surface mount aluminum electrolytic capacitors


▲Up To Search▲   

 
Price & Availability of EMZK160ADA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X